PART |
Description |
Maker |
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC10E1652 MC10E1652FN ON0634 |
From old datasheet system DUAL ECL OUTPUT WITH LATCH COMPARATOR DUAL ECL OUTPUT COMPARATOR WITH LATCH
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MC10H601FN MC10H601FNG MC10H601FNR2 MC10H601FNR2G |
9-Bit ECL-TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 9−Bit ECL to TTL Translator
|
ONSEMI[ON Semiconductor]
|
ADCMP56305 ADCMP563BCP-R2 ADCMP563BCP-RL7 ADCMP563 |
Dual High Speed ECL Comparator 16 - Lead QSOP; Package: LFCSP (3x3mm, 1.50mm exposed pad); No of Pins: 16; Temperature Range: Commercial DUAL COMPARATOR, 10000 uV OFFSET-MAX, 0.83 ns RESPONSE TIME, QCC16 Dual, High Speed ECL Comparators
|
ANALOG DEVICES INC Analog Devices, Inc.
|
HS-A82B-FREQ HS-820 HS-A82C-FREQ HS-A820-FREQ HS-A |
ECL-100K ECL Supplement 5 V, /-100 ppm, ECL crystal clock oscillator 5 V, /-50 ppm, ECL crystal clock oscillator 5 V, /-25 ppm, ECL crystal clock oscillator 5 V, customer specific, ECL crystal clock oscillator
|
NEL Frequency Controls
|
MC100H602 MC100H602FN MC10H602 MC10H602FN ON0790 |
9-Bit Latch TTL/ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|
MC100H601 MC100H601FN MC10H601 MC10H601FN ON0789 |
9-Bit ECL/TTL Translator ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semiconductor
|
AZ100E116FN AZ10E116 |
ECL/PECL Quint Differential Line Receiver ECL / PECL的昆特差分线路接收器
|
Arizona Microtek, Inc.
|
SP8665B SP8668B |
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
MC100EL51DG MC100EL51DR2G MC100EL51DT MC100EL51DTG |
5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, DSO8 5V ECL Differential Clock D Flip-Flop 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 10EL SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8 5V ECL Differential Clock D Flip-Flop(5V ECL 差分时钟D触发
|
ONSEMI[ON Semiconductor]
|
MC10EL34 |
5V ECL ÷2、、6 Clock Generation Chip(5V ECL ÷2、、6 时钟发生器芯
|
ON Semiconductor
|